PART |
Description |
Maker |
TS272MP TS272IN TS272MN TS272MD TS272ID TS272M TS2 |
DUAL OP-AMP, 6500 uV OFFSET-MAX, 3.5 MHz BAND WIDTH, PDIP8 HIGH PERFORMANCE CMOS DUAL OP-AMPS HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS 高速CMOS双运算放大器
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
TSH22I TSH22 TSH22ID TSH22IDT |
HIGH PERFORMANCE DUAL BIPOLAR OP-AMPS HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
|
ST Microelectronics STMicroelectronics
|
MIC5333-MNYMT MIC5333-J4YMT MIC5333-MMYMT MIC5333- |
DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO10 2.50 X 2.50 MM, MLF-10 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 2.50 X 2.50 MM, MLF-10 Micro-Power High Performance Dual 300mA ULDO?/a> with Dual POR Micro-Power High Performance Dual 300mA ULDO with Dual POR Micro-Power High Performance Dual 300mA ULDO⑩ with Dual POR
|
Micrel Semiconductor, Inc.
|
SP202E SP202ECN SP202ECP SP202ECT SP202EEN SP202EE |
DUAL LINE TRANSCEIVER, PDIP16 High-Performance RS-232 Line Drivers/Receivers 5V High Performance RS232 Transceivers High Speed, Low Power Quad RS-422 Differential Line Receiver High Speed, 3.3V Quad RS-422 Differential Line Driver
|
EXAR CORP SIPEX[Sipex Corporation]
|
ATF1516AS-10UC192 ATF1516AS-15UC192 ATF1516ASL-20U |
High performance EE-based CPDL, 70 MHz High performance EE-based CPDL, 100 MHz High Performance EE-Based CPLD EE PLD, 20 ns, PPGA192 High Performance EE-Based CPLD EE PLD, 20 ns, PQFP160 ER 4C 4#8 SKT RECP LINE 320 x 240 pixel format, LED or CFL Backlight OSC 5V SMT 7X5 CMOS PROGRM KVM INTERCONNECT MODULE CABLE
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
MIC5331-MNYMT MIC5331-NNYMT MIC5331-PNYMT MIC5331- |
DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO8 2 X 2 MM, MLF-8 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8 2 X 2 MM, MLF-8 Micro-Power High Performance Dual 300mA ULDO?/a> Micro-Power High Performance Dual 300mA ULDO⑩
|
Micrel Semiconductor, Inc.
|
AS7C256 AS7C256-10 AS7C256-10JC AS7C256-10PC AS7C2 |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 高性能32Kx8 CMOS SRAM High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Alliance Semiconductor ...
|
MIC5320-2.5_1.8YML MIC5320-1.8_1.6YML MIC5320-1.8_ |
Dual, High Performance 150mA uCap ULDO DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO6
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
AD547JH AD547LH AD547SCHIPS AD542 AD544 AD542LH AD |
Initial offset voltage: 2.0mV; high performance BiFET operational amplifier Initial offset voltage: 1.0mV; high performance BiFET operational amplifier High Performance,BiFET Operational Amplifiers(高性能,BiFET运算放大 High Performance, BiFET Operational Amplifiers OP-AMP, 500 uV OFFSET-MAX, 1 MHz BAND WIDTH, UUC High Performance/ BiFET Operational Amplifiers MLT Series Linear Position Transducer, 127,0 mm [5.0 in] Electrical Travel, 1.0 % Linearity, Item Number F38000105 , CAMERAS, MEMORY BACK-UP, PAGERS AND WATCHES RoHS Compliant: NA
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|
HA2-5112883 HA4-5112883 HA-5112883 HA7-5112883 HA- |
Dual/ Low Noise/ High Performance Uncompensated Operational Amplifier Dual, Low Noise, High Performance Uncompensated Operational Amplifier From old datasheet system
|
INTERSIL[Intersil Corporation]
|
M4A3-512_256-10FAC M4A5-96/48-10VC M4A5-96/48-10VI |
High Performance E 2 CMOS In-System Programmable Logic EE PLD, 5.5 ns, PQCC44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQCC44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 10 ns, PQCC44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP48 CONNECTOR ACCESSORY CAP 1500UF 100V ELECT KMH SNAP High Performance E 2 CMOS In-System Programmable Logic
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
LA6358N12 |
High-Performance Dual Operational Amplifiers
|
Sanyo Semicon Device
|